PART |
Description |
Maker |
EN3096A 2SC4489T-AN |
Bipolar Transistor Bipolar Transistor High breakdown voltage, large current capacity
|
ON Semiconductor
|
CT30SM-12 CT30SM-1 |
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER UPS USE Integrated Gate Bipolar Transistor (IGBT) Modules: 250V GENERAL INVERTER . UPS USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
GT40G121 |
Insulated Gate Bipolar Transistor Silicon N Channel IGBT The 4th Generation Current Resonance Inverter Switching Applications TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
IRG4BC40K |
Insulated Gate Bipolar Transistors (IGBTs)(短路额定超快速绝缘栅型双极型晶体 绝缘门双极晶体管IGBTs)(短路额定超快速绝缘栅型双极型晶体管) INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A) 600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package
|
International Rectifier, Corp. IRF[International Rectifier]
|
2SA1585S 2SB1424 A5800357 2SB1424Q 2SA1585SR |
TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low Vce(sat) Transistor (-20V, -3A) From old datasheet system Low VCE(sat) Transistor(低VCE(sat)晶体 Low Vce(sat) Transistor (-20V/ -3A)
|
ROHM[Rohm] Rohm CO.,LTD.
|
HGTP14N37G3VL HGT1S14N37G3VLS HGT1S14N37G3VLS9A |
TRANS IGBT CHIP N-CH 380V 25A 3TO-263AB 14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs TRANS PNP BIPOLAR 45V SOT323 TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 18A I(C) | TO-263AB TRANSISTOR PNP BIPOLAR 45V SOT23
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MMJT9410T1 MMJT9410-D |
NPN Bipolar Power Transistor Bipolar Power Transistors NPN Silicon
|
ON Semiconductor
|
AD70402 AD704AN AD704 AD704JR-_REEL AD704TQ_883B A |
-18V; quad picoampere inout current bipolar Op Amp. For industrial/process controls, weigh scales Quad Picoampere Input Current Bipolar Op Amp OP-AMP|QUAD|BIPOLAR|SOP|16PIN|PLASTIC
|
Analog Devices
|
GT15M321 |
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT HIGH POWER SWITCHING APPLICATIONS TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
|
TOSHIBA[Toshiba Semiconductor]
|
CZT3055 CZT3055NPN CZT2955PNP CZT2955 CZT305 |
SMD Bipolar Power Transistor NPN General Purpose Amplifier/Switch SMD Bipolar Power Transistor PNP General Purpose Amplifier/Switch 2.0W SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
STC04IE170HV |
Emitter switched bipolar transistor ESBT? 1700V - 4A - 0.17 W Emitter switched bipolar transistor ESBT㈢ 1700V - 4A - 0.17 W
|
STMicroelectronics
|
IRG4PC30W IRG4PC30WPBF |
Insulated Gate Bipolar Transistors (IGBTs)(绝缘栅型双极型晶体管) 绝缘门双极晶体管(IGBTs)(绝缘栅型双极型晶体管 INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A) 600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|